Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2FV Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2FV
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2FV Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2FV Datasheet HTML 1Page - M-System Co.,Ltd. M2FV Datasheet HTML 2Page - M-System Co.,Ltd. M2FV Datasheet HTML 3Page - M-System Co.,Ltd. M2FV Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M2FV
M2FV SPECIFICATIONS
ES-5106 Rev.7 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
OFF
ON
1 2 3 4 5 6
SW2
■ FRONT VIEW
■ SIDE VIEW
OFF
ON
1 2 3 4
SW1
Input Range
and Response Time
Setting
Zero Adj.
Span Adj.
Power LED
Output Range
Setting
Refer to the instruction manual for detailed procedures.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
84 (3.31)
10 (.39)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
• When mounting, no extra space is needed between units.
4
8
12
14 13
1
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
9
12
1
5
8
4
13
14
Output
Driver
+
–
*
U(
+)
V(
–)
S
Z
+
–
OUTPUT
POWER
Base Socket
Isolation
Low Drift
Amplifier
INPUT
POWER LED
INPUT RANGE
& RESPONSE TIME
SELECTOR DIP SW
OUTPUT RANGE
SELECTOR DIP SW
* Input shunt resistor incorporated for current input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com