Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXV-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2EXV-R
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXV-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2EXV-R Datasheet HTML 1Page - M-System Co.,Ltd. M2EXV-R Datasheet HTML 2Page - M-System Co.,Ltd. M2EXV-R Datasheet HTML 3Page - M-System Co.,Ltd. M2EXV-R Datasheet HTML 4Page - M-System Co.,Ltd. M2EXV-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M2EXV
M2EXV SPECIFICATIONS
ES-5133 Rev.3 Page 5/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
29 (1.14)
94 (3.70)
8
(.31)
124 (4.88)
22 (.87)
6 (.23)
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
DIN RAIL
35mm wide
[4 (.16)]
• When mounting, no extra space is needed between units.
4
8 7
10
11
5
6
1
2
3
9
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
4
3
5
6
8
10
11
9
+
–
Input Current
+
–
Input Voltage
1
2
24.9Ω
CONFIGURATOR
JACK
Isolation
Low Drift
Amplifie
Output
Driver
Digital
Computation
Circuit
Display
Circuit
CONTROL
SW
Output Setting
DIP SW
7 +
–
OUTPUT
U(+)
V(–)
POWER
Base Socket
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com