Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXV-R/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2EXV-R/Q
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXV-R/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2EXV-R/Q Datasheet HTML 1Page - M-System Co.,Ltd. M2EXV-R/Q Datasheet HTML 2Page - M-System Co.,Ltd. M2EXV-R/Q Datasheet HTML 3Page - M-System Co.,Ltd. M2EXV-R/Q Datasheet HTML 4Page - M-System Co.,Ltd. M2EXV-R/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M2EXV
M2EXV SPECIFICATIONS
ES-5133 Rev.3 Page 1/5
http://www.m-system.co.jp/
Super-mini Signal Conditioners with
Display Mini-M M2E Series
SIGNAL TRANSMITTER
(PC programmable)
Functions & Features
• Converts DC input from a sensor into a standard process
signal
• Adjustments with the front button
• OEL display with good visibility
Typical Applications
• Isolation between control room and field instrumentation
• Ideal for quick spare part
Mode
Set
Up
Down
83
(3.27)
124
(4.88)
29.5
(1.16)
mm (inch)
MODEL: M2EXV–[1][2]
ORDERING INFORMATION
• Code number: M2EXV-[1][2]
Specify a code from below for each [1] and [2].
(e.g. M2EXV-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
INPUT – Field-selectable
◆ DC Input
• Current input: 0 - 50 mA DC
• Voltage input: -1000 - +1000 mV DC
• Voltage input: -10 - +10 V DC
OUTPUT – Field-selectable
◆ DC Output
• Current output: 0 - 20 mA DC
• Voltage output: -5 - +5 V DC
• Voltage output: -10 - +10 V DC
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-5133)
RELATED PRODUCTS
• M2E configurator software (model: M2ECFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual (EM-5147) for the M2E configurator for
applicable cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: Approx. -5 to +105 % (Not available for
current output not greater than 0 mA)
Zero fine adjustment: -5 to +5 % (front button)
Span fine adjustment: 95 to 105 % (front button)
Output setting: DIP Switch on side panel (refer to the
instruction manual)
Configuration: Program with front buttons or Via PC.
Programmable features include: Refer to the parameter list.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level


Similar Part No. - M2EXV-R/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2EXDY MSYSTEM-M2EXDY Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-M2 MSYSTEM-M2EXDY-M2 Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-M2/Q MSYSTEM-M2EXDY-M2/Q Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-P MSYSTEM-M2EXDY-P Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-P/Q MSYSTEM-M2EXDY-P/Q Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
More results

Similar Description - M2EXV-R/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2EXT MSYSTEM-M2EXT Datasheet
175Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXS MSYSTEM-M2EXS Datasheet
146Kb / 5P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXR MSYSTEM-M2EXR Datasheet
155Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXM MSYSTEM-M2EXM Datasheet
144Kb / 5P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY MSYSTEM-M2EXDY Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXV MSYSTEM-M2EAXV Datasheet
165Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXT MSYSTEM-M2EAXT Datasheet
195Kb / 8P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXS MSYSTEM-M2EAXS Datasheet
165Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXM MSYSTEM-M2EAXM Datasheet
164Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXDY MSYSTEM-M2EAXDY Datasheet
180Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com