Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE2302 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE2302
Description  LCE N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE2302 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE2302 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2302 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2302 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2302 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2302 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2302 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LCE2302
Description
The LCE2302 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
Battery protection or in other Switching application.
General Features
●
VDS = 20V,ID =4A
RDS(ON) < 59mΩ @ VGS=2.5V
RDS(ON) < 45mΩ @ VGS=4.5V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
Battery protection
●
Load switch
●
Power management
D
G
S
Schematic diagram
1
3
2
G
D
S
2302
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2302
LCE2302
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
4
A
Drain Current-Pulsed
(Note 1)
IDM
10
A
Maximum Power Dissipation
PD
1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
125
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
22
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
LCE N-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2015
1/6


Similar Part No. - LCE2302

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE2301 LEIDITECH-LCE2301 Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2301B LEIDITECH-LCE2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2301C LEIDITECH-LCE2301C Datasheet
1,005Kb / 2P
P-Channel Enhancement Mode Power MOSFET
LCE2305 LEIDITECH-LCE2305 Datasheet
955Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2305A LEIDITECH-LCE2305A Datasheet
988Kb / 3P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LCE2302

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE0110AS LEIDITECH-LCE0110AS Datasheet
918Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE0140K LEIDITECH-LCE0140K Datasheet
1Mb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE0140KA LEIDITECH-LCE0140KA Datasheet
1Mb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE3030K LEIDITECH-LCE3030K Datasheet
936Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE4009S LEIDITECH-LCE4009S Datasheet
941Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE4080K LEIDITECH-LCE4080K Datasheet
886Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE6005AS LEIDITECH-LCE6005AS Datasheet
948Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE6050KA LEIDITECH-LCE6050KA Datasheet
963Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE1502R LEIDITECH-LCE1502R Datasheet
867Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
LCE3420 LEIDITECH-LCE3420 Datasheet
895Kb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com