Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1221 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SB1221
Description  Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1221 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SB1221 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1221 Datasheet HTML 2Page - Panasonic Semiconductor 2SB1221 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SC3941
ICBO — Ta
IEBO — Ta
Area of safe operation (ASO)
0
200
160
40
120
80
1
10
102
103
104
V
CB=250V
Ambient temperature Ta (˚C)
0
200
160
40
120
80
1
10
102
103
104
V
EB=5V
Ambient temperature Ta (˚C)
1
10
100
1000
3
30
300
0.1
0.3
1
3
10
30
100
300
1000
Single pulse
Ta=25˚C
t=10ms
t=1ms
DC
I
CP
I
C
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com