Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3942 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3942
Description  Silicon NPN triple diffusion planar type(For color TV chroma output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3942 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3942 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3942 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICEO
VCBO
VCEO
VEBO
hFE
VBE
VCE(sat)
fT
Cob
Conditions
VCE = 200V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 50V, IC = 5mA
VCE = 10V, IC = 30mA
IC = 30mA, IB = 3mA
VCE = 30V, IC = 20mA, f = 10MHz
VCB = 30V, IE = 0, f = 1MHz
min
300
300
7
50
70
typ
140
2.7
max
10
250
1.2
1.5
Unit
µA
V
V
V
V
V
MHz
pF
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
300
300
7
200
100
10
2.0
150
–55 to +150
Unit
V
V
V
mA
mA
W
˚C
˚C
TC=25°C
Ta=25
°C
2SC3942
Silicon NPN triple diffusion planar type
For color TV chroma output
s Features
q
High collector to emitter VCEO
q
Small collector output capacitance Cob
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SC3942

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3942 ISC-2SC3942 Datasheet
242Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SC3942 FOSHAN-2SC3942 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
More results

Similar Description - 2SC3942

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3063 PANASONIC-2SC3063 Datasheet
63Kb / 3P
Silicon NPN triple diffusion planar type(For TV video output amplification)
2001 MAR
2SC3946 PANASONIC-2SC3946 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For color TV horizontal deflection driver)
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
logo
Samsung semiconductor
KSC1520 SAMSUNG-KSC1520 Datasheet
201Kb / 6P
NPN (COLOR TV CHROMA OUTPUT)
KSC2330 SAMSUNG-KSC2330 Datasheet
66Kb / 2P
NPN (COLOR TV CHROMA OUTPUT)
KSC2340 SAMSUNG-KSC2340 Datasheet
66Kb / 2P
NPN (COLOR TV CHROMA OUTPUT)
logo
KEC(Korea Electronics)
KTC1001 KEC-KTC1001 Datasheet
123Kb / 1P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
KTC3208 KEC-KTC3208 Datasheet
367Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT)
KTC3229 KEC-KTC3229 Datasheet
234Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
logo
Isahaya Electronics Cor...
ISC3249AS1 ISAHAYA-ISC3249AS1 Datasheet
177Kb / 3P
FOR SMALL TYPE COLOR TV CHROMA OUTPUT APPLICATION SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com