Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6DAMW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 6DAMW4
Description  6W - Single Output - 4:1 Ultra Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

6DAMW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  6DAMW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 6DAMW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 6DAMW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 6DAMW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 4
6DAMW4_6 – Rev. 2020-1.2
Specifications subject to change without notice.
6DAMW4_6 series
6W - Single Output - 4:1 Ultra Wide Input - Isolated & Regulated
DIP DC-DC Converter
Mechanical dimensions
Recommended footprint
Note:
Unit: mm[inch]
Pin diameter tolerances: ±0.10mm [
±0.004inch]
General tolerances: ±0.50mm [
±0.020inch]
Note:
1. The max. capacitive load should be tested within the input voltage range and
under full load conditions;
2. All specifications measured at Ta = 25°C, humidity <75%, nominal input voltage
and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate
standards.
4. The performance indexes of the product models listed in this datasheet are
as above, but some indexes of non-standard model products will exceed the
above-mentioned requirements, and please directly contact our technicians for
specific information.
5. Only typical models listed, other models may be different, please contact our
technical person for more details.
6. We can provide product customization service.
7. Products are related to laws and regulations: see "Features" and "EMC".
8. Our products shall be classified according to ISO14001 and related environmen-
tal laws and regulations, and shall be handled by qualified units.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com