Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # HCF
Description  Aluminium Housed Braking Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HCF Datasheet(HTML) 2 Page - TE Connectivity Ltd

  HCF Datasheet HTML 1Page - TE Connectivity Ltd HCF Datasheet HTML 2Page - TE Connectivity Ltd HCF Datasheet HTML 3Page - TE Connectivity Ltd HCF Datasheet HTML 4Page - TE Connectivity Ltd HCF Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminium Housed Braking Resistor
1773309-3 Rev. B 06/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Performance Specification
Type
HCF80
HCF110
HCF166
HCF216
Power Rating
(W) @40°C
75
100
160
200
Max.
Temperature
°C
200
260
265
275
Resistance
Range
4.Ω - 1KΩ
.Ω - 1KΩ
Ω - 1KΩ
Ω - 1KΩ
For Higher / Lower Resistance Value please enquire
Overload Rating
HCF80
Type
Value
Ω
Power
Rating @
40°C
Pulse load (W) 40°C 120s Duty Cycle
1.2s Pulse
7.2s Pulse
48s Pulse
HCF80
4.7
75
1650
615
165
HCF80
10
75
1650
615
165
HCF80
22
75
1650
615
165
HCF80
33
75
1650
615
165
HCF80
47
75
1650
615
165
HCF80
68
75
1650
615
165
HCF80
100
75
1650
615
165
HCF80
150
75
1650
615
165
HCF80
220
75
1300
615
150
HCF80
330
75
1300
615
150
HCF80
470
75
1100
550
150
HCF80
680
75
900
550
150
HCF80
1000
75
1000
550
150
HCF110
Type
Value
Ω
Power
Rating @
40°C
Pulse load (W) 40°C 120s Duty Cycle
1.2s Pulse
7.2s Pulse
48s Pulse
HCF110
6.8
100
2200
1025
245
HCF110
10
100
2200
1025
245
HCF110
22
100
2200
1025
245
HCF110
33
100
2200
1025
245
HCF110
47
100
1900
975
245
HCF110
68
100
1900
950
245
HCF110
100
100
1600
875
245



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com