Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIRF730F Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HIRF730F
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HIRF730F Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HIRF730F Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HIRF730F Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HIRF730F Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HIRF730F Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200406
Issued Date : 2004.10.01
Revised Date : 2005.04.22
Page No. : 2/4
HIRF730, HIRF730F
HSMC Product Specification
ELectrical Characteristics (T
j=25°C, unless otherwise specified)
Symbol
Characteristic
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-Source Breakdown Voltage (V
GS=0V, ID=250uA)
400
-
-
V
Drain-Source Leakage Current (V
DS=400V, VGS=0V)
-
-
1
uA
I
DSS
Drain-Source Leakage Current (V
DS=320V, VGS=0V, Tj=125°C)
50
uA
I
GSSF
Gate-Source Leakage Current-Forward (V
gsf=20V, VDS=0V)
-
-
100
nA
I
GSSR
Gate-Source Leakage Current-Reverse (V
gsr=-20V, VDS=0V)
-
-
-100
nA
V
GS(th)
Gate Threshold Voltage (V
DS=VGS, ID=250uA)
2
-
4
V
R
DS(on)
Static Drain-Source On-Resistance (V
GS=10V, ID=3.3A)(*4)
-
-
1
Ω
g
FS
Forward Transconductance (V
DS=50V, ID=3.3A)(*4)
2.9
-
-
S
C
iss
Input Capacitance
-
700
-
C
oss
Output Capacitance
-
170
-
C
rss
Reverse Transfer Capacitance
V
DS=25V, VGS=0V, f=1MHz
-64
-
pF
t
d(on)
Turn-on Delay Time
-
10
-
t
r
Rise Time
-
15
-
t
d(off)
Turn-off Delay Time
-
38
-
t
f
Fall Time
(V
DD=200V, ID=3.5A, RG=12Ω,
R
D=57Ω)(*4)
-14
-
ns
Q
g
Total Gate Charge
-
-
38
Q
gs
Gate-Source Charge
-
-
5.7
Q
gd
Gate-Drain Charge
(V
DS=320V, ID=3.5A, VGS=10V)
(*4)
--
22
nC
L
D
Internal Drain Inductance (Measured from the drain lead 0.25” from
package to center of die)
-4.5
-
nH
L
S
Internal Source Inductance (Measured from the drain lead 0.25” from
package to source bond pad)
-7.5
-
nH
*4: Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
Source-Drain Diode
Symbol
Characteristic
Min.
Typ.
Max.
Units
Q
rr
Reverse Recovery Charge
-
1.8
2.2
uC
t
on
Forward Turn-On Time
-
**
-
t
rr
Reverse Recovery Time
I
F=3.5A, di/dt=100A/us, Tj=25°C
(*4)
-
270
530
ns
V
SD
Diode Forward Voltage
I
S=5.5A, VGS=0V, Tj=25°C (*4)
--
1.6
V
**: Negligible, Dominated by circuit inductance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com