Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8DPRW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 8DPRW4
Description  8W - Single/Dual Output - Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

8DPRW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  8DPRW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 8DPRW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 4
8DPRW4_3 – Rev. 2017-1.1
Specifications subject to change without notice.
8DPRW4_3 Series
8W - Single/Dual Output - Wide Input - Isolated & Regulated
DC-DC Converter
Mechanical specifications
PIN connection
PIN
1
2
3
9
11
14
16
22
23
Single
CTRL
-Vin
-Vin
NP
NC
+Vout
-Vout
+Vin
+Vin
Dual
CTRL
-Vin
-Vin
Common
-Vout
+Vout
Common
+Vin
+Vin
Note:
1. Only typical model listed. Non-standard models will be different from the above,
please contact us for more details.
2. All specifications are typical at nominal input, full load and 25°C unless
otherwise stated.
3. In this datasheet, all the test methods of indications are based on corporate
standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com