Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC555D Datasheet(PDF) 2 Page - Integral Corp.

Part # ILC555D
Description  CMOS general purpose timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILC555D Datasheet(HTML) 2 Page - Integral Corp.

  ILC555D Datasheet HTML 1Page - Integral Corp. ILC555D Datasheet HTML 2Page - Integral Corp. ILC555D Datasheet HTML 3Page - Integral Corp. ILC555D Datasheet HTML 4Page - Integral Corp. ILC555D Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ILC555
TRUTH TABLE
THRESHOLD
TRIGGER
RESET
OUTPUT
DISCHARGE
X
X
L
L
ON
> 2/3
⋅VCC
> 1/3
⋅VCC
H
L
ON
< 2/3
⋅VCC
> 1/3
⋅VCC
H
STABLE
STABLE
X
< 1/3
⋅VCC
H
H
OFF
MAXIMUM RATINGS AND RECOMMENDED OPERATING CONDITIONS
Recommended operating
conditions
Maximum ratings
Value
Value
Parameter, unit
Symbol
min
max
min
max
Supply Voltage, V
VCC
2.0
18.0
0
18.0
Output Current, mА
IO
-
20
-
100
Input Voltage, V
VTH, VTRIG, VRST
-
-
-0.3
VCC+0.3
Power Dissipation, mW
PD
-
-
-
200
Operating Temperature,
°С
TOPR
-20
70
-20
85
Storage Temperature,
°С
TSTG
-
-
-65
150
Lead Temperature, 1 mm from
Case for 10 Seconds,
°С
TSOLDER
-
-
260
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com