Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5150AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SM5150AF
Description  5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SM5150AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SM5150AF Datasheet HTML 1Page - First Silicon Co., Ltd SM5150AF Datasheet HTML 2Page - First Silicon Co., Ltd SM5150AF Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Low power loss,high efficiency
For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
Guardring for over voltage protection
High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case: JEDEC SMA-FL
molded plastic over glass die
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight: 28mg
We declare that the material of product is
Handling precautin: None
Haloggen free (green epoxy compound)
1.Electrical Characteristic
Maximum& Thermal Characteristics Ratings (25°C ambient temperature unless otherwise specified.)
l
o
b
m
y
s
r
e
t
e
m
a
r
a
P
Unit
device marking code
Maximum repetitive peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
lead length (See fig. 1) at TC = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings (25°C ambient temperature unless otherwise specified.)
l
o
b
m
y
s
r
e
t
e
m
a
r
a
P
Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
0
2
5
S
5
1
5
S
F
A
0
0
2
5
M
S
F
A
0
5
1
5
M
S
–40 to +150
0.1
30.0
110
F
A
0
0
2
5
M
S
F
A
0
5
1
5
M
S
0.87
5.0
120
150
105
150
200
140
200
R
θJA
R
θJL
150
35
5A SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
SEMICONDUCTOR
TECHNICAL DATA
SM5150AF ~ SM5200AF
2019. 07. 09
1/3
Revision No : 0


Similar Part No. - SM5150AF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150AF SECOS-SM5150AF Datasheet
242Kb / 2P
20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM5150AF AITSEMI-SM5150AF Datasheet
416Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Similar Description - SM5150AF

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
logo
First Silicon Co., Ltd
SB540L FS-SB540L Datasheet
510Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 40 Volts Forward Current 5.0 Amperes
SS545L FS-SS545L Datasheet
466Kb / 2P
5A Low VF SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
SS12F FS-SS12F Datasheet
306Kb / 2P
1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
SS560L FS-SS560L Datasheet
327Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 60 Volts Forward Current 5.0 Amperes
SB545L FS-SB545L Datasheet
446Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
2022 02 03 Revision No : 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com