Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS120F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS120F
Description  1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS120F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS120F Datasheet HTML 1Page - First Silicon Co., Ltd SS120F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
SS
12F
SS
13F
SS
14F
SS
15F
SS
16F
SS
18F
SS
110F
SS
115F
SS
120F
UNITS
Maximum repetitive peak reverse voltage
V RRM
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
V RMS
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
V DC
30
40
50
60
80
100
150
200
V
Average Rectified Output Current
0.375″(9.5mm) lead length
I O
1.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
30.0
A
Maximum instantaneous forward voltage at I o
F
V
Maximum DC reverse current
@ TA = 25℃
at rated DC blocking voltage
@ TA = 100℃
I R
0.5
5.0
0.3
3.0
mA
C
Typical junction capacitance (Note 1)
J
80
R
Typical thermal resistance (Note 2)
θJA
70.0
℃
/W
T
Operating junction temperature range
J
-55 to +150
-55 to +125
℃
T
Storage temperature range
STG
-55 to +150
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. P.C.B. mounted with 0.2×0.2”(5.0×5.0 mm) copper pad areas..
●
Metal silicon junction, majority carrier conduction
●
Guardring for overvoltage protection
●
Low power loss, high efficiency
●
High current capability, low forward voltage drop
●
High surge capability
●
High temperature soldering guaranteed:
250℃/10 seconds at terminals
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
●
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection application
●
Case: SMA-FL molded plastic body
●
Terminals: Plated axial leads,
solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.0027 grams (approximate)
V
20
14
20
21
0.70
0.55
0.85
0.95
℃
SEMICONDUCTOR
TECHNICAL DATA
SS12F ~ SS120F
1A SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
2019. 03. 05
1/2
Revision No : 0
pF


Similar Part No. - SS120F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS120F YFWDIODE-SS120F Datasheet
163Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS120F JUXING-SS120F Datasheet
761Kb / 3P
Surface Mount Schottky Rectifiers
logo
Xian Semipower Electron...
SS120F SEMIPOWER-SS120F Datasheet
127Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
SS120F YFWDIODE-SS120F Datasheet
424Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
SS120F ZSELEC-SS120F Datasheet
87Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS120F

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR1020 CHENDA-SR1020 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SR15200 CHENDA-SR15200 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF850 CHENDA-SRF850 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF870 CHENDA-SRF870 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF880 CHENDA-SRF880 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Gaomi Xinghe Electronic...
SRF520 GXELECTRONICS-SRF520 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
SRF5100 GXELECTRONICS-SRF5100 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
First Silicon Co., Ltd
SK32F FS-SK32F Datasheet
288Kb / 2P
3A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com