Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS52A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS52A
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS52A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS52A Datasheet HTML 1Page - First Silicon Co., Ltd SS52A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
●
Metal silicon junction, majority carrier conduction
●
Guardring for overvoltage protection
●
Low power loss, high efficiency
●
High current capability, low forward voltage drop
●
High surge capability
●
High temperature soldering guaranteed: 250℃/10 seconds at terminals
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
●
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection application
Mechanical Data
●
Case: SMA molded plastic body
●
Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.058 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
SS
52A
SS
53A
SS
54A
SS
55A
SS
56A
SS
58A
SS
510A
SS
515A
SS
520A
UNITS
Maximum repetitive peak reverse voltage
V RRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
V RMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
V DC
20
30
40
50
60
80
100
150
200
V
Average Rectified Output Current
0.375″(9.5mm) lead length
I o
5.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
150.0
A
Maximum instantaneous forward voltage at I o
V F
0.45
0.55
0.70
0.85
0.95
V
Maximum DC reverse current
@ TA = 25℃
at rated DC blocking voltage
@ TA = 100℃
I R
0.5
10.0
0.1
2
mA
Typical junction capacitance (Note 1)
C J
800
pF
Typical thermal resistance (Note 2)
RθJA
55.0
℃/W
Operating junction temperature range
T J
-55 to +125
-55 to +150
℃
Storage temperature range
TSTG
-55 to +150
℃
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. P.C.B. mounted with 0.2×0.2”(5.0×5.0 mm) copper pad areas.
5A SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 20 to 200 Volts Forward Current 5.0 Amperes
SEMICONDUCTOR
TECHNICAL DATA
SS52A ~ SS520A
2019. 07. 12
1/2
Revision No : 0


Similar Part No. - SS52A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SS52A FCI-SS52A Datasheet
940Kb / 2P
5.0 Amp SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bruckewell Technology L...
SS52A BWTECH-SS52A Datasheet
406Kb / 4P
SCHOTTKY RECTIFIER
logo
Jiangsu High diode Semi...
SS52A HDSEMI-SS52A Datasheet
1Mb / 4P
SMAK Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SS52A BILIN-SS52A Datasheet
551Kb / 4P
Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SS52A LEIDITECH-SS52A Datasheet
371Kb / 3P
Schottky rectifier
More results

Similar Description - SS52A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS540 DIODES-PDS540 Datasheet
90Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30482 Rev. 6 - 2
PDS560 DIODES-PDS560 Datasheet
83Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
PDS560 DIODES-PDS560_10 Datasheet
99Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
PDS540-13 DIODES-PDS540-13_10 Datasheet
106Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
DS30482 Rev. 11 - 2
PDS540Q DIODES-PDS540Q_15 Datasheet
223Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 1
PDS560 DIODES-PDS560_15 Datasheet
502Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
Rev 16
PDS540 DIODES-PDS540_15 Datasheet
436Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 14
PDS540Q DIODES-PDS540Q Datasheet
412Kb / 6P
5A SCHOTTKY BARRIER RECTIFIER
Rev. 2 - 2 December 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com