Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS53A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SS53A
Description  5A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS53A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SS53A Datasheet HTML 1Page - First Silicon Co., Ltd SS53A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.00
4.00
3.00
2.00
1.00
0.00
0
30
60
90
120
150
Ratings and Characteristic Curves
FIG. 1 – TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 – TYPICAL FORWARD CHARACTERISTICS
FIG. 3 – MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4 – TYPICAL REVERSE CHARACTERISTICS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
100.00
10 00
1.00
0.10
0.01
0.3
0.6
0.9
1.2
1.5
AMB ENT TEMPERATURE (℃)
FORWARD VOLTAGE (V)
150
120
90
60
0
30
1
10
100
NUMBER OF CYCLES AT 60HZ
Tj=25℃
Pulse Width=300us
1% Duty Cycle
REVERSE VOLTAGE (V)
1200
1000
800
0
600
400
200
0.1
1
10
100
100.00
10.00
1.00
0.10
0.001
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
0.01
100℃
25℃
SS52A-SS54A
SS55A-SS56A
SS58A-SS510A
SS515A-SS520A
SS52A-SS56A
SS58A-SS510A
SS515A-SS520A
SS52A-SS56A
SS58A-SS520A
SS52A ~ SS520A
2019. 07. 12
2/2
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com