Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3V Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # AD3V
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD3V Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  AD3V Datasheet HTML 1Page - M-System Co.,Ltd. AD3V Datasheet HTML 2Page - M-System Co.,Ltd. AD3V Datasheet HTML 3Page - M-System Co.,Ltd. AD3V Datasheet HTML 4Page - M-System Co.,Ltd. AD3V Datasheet HTML 5Page - M-System Co.,Ltd. AD3V Datasheet HTML 6Page - M-System Co.,Ltd. AD3V Datasheet HTML 7Page - M-System Co.,Ltd. AD3V Datasheet HTML 8Page - M-System Co.,Ltd. AD3V Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MODEL: AD3V
AD3V SPECIFICATIONS
ES-1389 Rev.24 Page 4/9
https://www.m-system.co.jp/
ITEM
MDF.
CODE
DATA
CONTENTS
DEFAULT
P/L
N/A
-9999 – 9999
(-FFFF – FFFF)
Output display in engineering unit with ITEM 01 DATA 1 (as set in ITEM 06/07)
Loop test output with ITEM 01 DATA 2 (‘L’ is indicated as ITEM No.)
BCD or binary (with polarity), offset binary, two’s complement, re ected binary
----
01
1, 2, 3
Modi cation code
1 : Data indication only.
2 : All parameters are modi able.
3 : Only ITEM 24 is modi able.
1
02
N/A
0 – 99
Status indication (“0” is normally indicated.)
0: Normal
1: Memory error
10: Out of input range -15 – +115%
0
03
N/A
-15.0 – 115.0
Input indicated in % (of the range set in ITEM 22/23)
----
04
05
2
2
-99.99 – 99.99
-99.99 – 99.99
Zero adjustment (%) ( ne adj. of the value set in ITEM 22)
Span adjustment (%) ( ne adj. of the value set in ITEM 23)
0.00
0.00
06
07
2
2
-9999 – 9999
-9999 – 9999
BCD
Display range scaling 0% *
1
Display range scaling 100% *
1
-1000
1000
06
07
2
2
-7FFF – 7FFF
-7FFF – 7FFF
Binary
Display range scaling 0% *
1
Display range scaling 100% *
1
-7FFF
7FFF
06
07
2
2
0000 – FFFF
0000 – FFFF
Offset binary
Display range scaling 0% *
1
Display range scaling 100% *
1
0000
FFFF
06
07
2
2
8000 – 7FFF
8000 – 7FFF
Two’s complement
Display range scaling 0% *
1
Display range scaling 100% *
1
8000
7FFF
06
07
2
2
0000 – FFFF
0000 – FFFF
Re ected binary
Display range scaling 0% *
1
Display range scaling 100% *
1
0000
FFFF
08
2
0 – 99
Power ON-delay time (seconds)
5
09
2
0, 1, 2, 3, 4
Display code
0 : BCD with polarity (decimal)
1 : Binary with polarity
2 : Offset binary
3 : Two’s complement
4 : Re ected binary
0
10
2
0, 1, 2, 3, 4
Available number of bits
0: 16 bits
1: 14 bits
2: 12 bits
3: 10 bits
4: 8 bits
0
11
2
0, 1, 2
Parity check
0: Disable
1: Enable Parity per each digit
2: Enable Parity for all digits
0
12
2
0, 1
Odd or even parity (Checking the number of High in the output)
0 : Odd (CMOS level, open collector (PNP) ),
Even (open collector (NPN) )
1 : Even (CMOS level, open collector (PNP) ),
Odd (open collector (NPN) )
0
13
2
0, 1
POL, OVF output logic
0 : Data available at High (CMOS level) or ON (open collector)
1 : Data available at Low (CMOS level) or OFF (open collector)
0
14
2
0, 1
Data output logic *
2
0 : Positive (CMOS level, open collector (PNP) ),
Negative (open collector (NPN) )
1 : Negative (CMOS level, open collector (PNP) ),
Positive (open collector (NPN) )
0
15
2
0, 1
HOLD input logic
0 : HOLD at Low or shortcircuit
1 : HOLD at High or open circuit
0
16
2
0, 1
DAV output logic
0 : Data available at High (CMOS level) or ON (open collector)
1 : Data available at Low (CMOS level) or OFF (open collector)
0
17
2
1 – 50
DAV output time (msec.) selectable up to 50% of the Output Rate (ITEM 20)
1
18
2
0, 1, 2, 3, 4, 5
Moving average (10 msec./sampling)
0: No
1: 5 samples
2: 8 samples
3: 12 samples
4: 20 samples
5: 36 samples
1
19
2
0.0 – 60.0
Delay buffer (seconds, 0 – 90%)
* When setting to less than or equal to 0.1, response time is 0.15 seconds.
0.5
20
2
1 – 20
Output rate ‘n’ ratio (n : 1 – 20 times)
1
21
2
0, 1 – 60
Power-saving mode
0 : Continuous display
1 – 60 : Time before display turned off (minutes)
10
22
23
2
2
-1.00 – 1.00
-1.00 – 1.00
Input code S1
0% input voltage (V) *
3
100% input voltage (V) *
3
-1.00
1.00
22
23
2
2
-10.0 – 10.0
-10.0 – 10.0
Input code S2
0% input voltage (V) *
3
100% input voltage (V) *
3
-10.0
10.0
22
23
2
2
-30.0 – 30.0
-30.0 – 30.0
Input code S3
0% input voltage (V) *
3
100% input voltage (V) *
3
-30.0
30.0
22
23
2
2
0.0 – 50.0
0.0 – 50.0
Input code Z1
0% input current (mA) *
3
100% input current (mA) *
3
4.0
20.0
24
3
0, 1
Reset all settings
0
25
N/A
----
ROM version
----
*1. Of the range set in ITEM 04/05. ITEM 06 < ITEM 07.
*2. ITEM 13, 15 or 16 is independent from ITEM 14.
*3. ITEM 22 < ITEM 23.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com