Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2LC Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # AD2LC
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD2LC Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  AD2LC Datasheet HTML 1Page - M-System Co.,Ltd. AD2LC Datasheet HTML 2Page - M-System Co.,Ltd. AD2LC Datasheet HTML 3Page - M-System Co.,Ltd. AD2LC Datasheet HTML 4Page - M-System Co.,Ltd. AD2LC Datasheet HTML 5Page - M-System Co.,Ltd. AD2LC Datasheet HTML 6Page - M-System Co.,Ltd. AD2LC Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: AD2LC
AD2LC SPECIFICATIONS
ES-1388 Rev.14 Page 5/7
https://www.m-system.co.jp/
ITEM
MDF.
CODE
DATA
CONTENTS
DEFAULT
17
18
2
2
0000 – FFFF
0000 – FFFF
Offset binary
Display range scaling 0% *1
Display range scaling 100% *1
0000
FFFF
17
18
2
2
8000 – 7FFF
8000 – 7FFF
Two’s complement
Display range scaling 0% *1
Display range scaling 100% *1
8000
7FFF
17
18
2
2
0000 – FFFF
0000 – FFFF
Re ected binary
Display range scaling 0% *1
Display range scaling 100% *1
0000
FFFF
19
2
0, 1, 2, 3, 4
Display code
0 : BCD with polarity (decimal)
1 : Binary with polarity
2 : Offset binary
3 : Two’s complement
4 : Re ected binary
0
20
2
0, 1, 2, 3, 4
Available number of bits
0: 16 bits
1: 14 bits
2: 12 bits
3: 10 bits
4: 8 bits
0
21
2
0, 1
POL, OVF output logic
0 : Data available at High (CMOS level) or ON (open
collector)
1 : Data available at Low (CMOS level) or OFF (open
collector)
0
22
2
0, 1
Data output logic *2
0 : Positive (CMOS level, Negative (open collector)
1 : Negative (CMOS level, Positive (open collector)
0
23
2
0, 1
HOLD input logic
0 : HOLD at Low or shortcircuit
1 : HOLD at High or opencircuit
0
24
2
0, 1
DAV output logic
0 : Data available at High (CMOS level) or ON (open
collector)
1 : Data available at Low (CMOS level) or OFF (open
collector)
0
25
2
1 – 50
DAV output time (msec.)
1
26
N/A
----
ROM version
----
*1. Of the range set in ITEM 05/06/07. ITEM 17 < ITEM 18.
*2. ITEM 21, 23 or 24 is independent from ITEM 22.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
103 (4.06)
132 (5.20)
•When mounting, no extra space is needed between units.
5
6
7
8
2
1
11
10
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
3
9
4
16
(.63)
55 (2.17) min.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com