Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ABS3
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ABS3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ABS3 Datasheet HTML 1Page - M-System Co.,Ltd. ABS3 Datasheet HTML 2Page - M-System Co.,Ltd. ABS3 Datasheet HTML 3Page - M-System Co.,Ltd. ABS3 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: ABS3
ABS3 SPECIFICATIONS
ES-9413 Rev.4 Page 2/4
https://www.m-system.co.jp/
L1 indicator: Amber LED turns on when setting the
parameter block 1.
L2 indicator: Amber LED turns on when setting the
parameter block 2.
L3 indicator: Amber LED turns on when setting the
parameter block 3.
INPUT SPECIFICATIONS
Input signal range: -10 % - +110 %
OUTPUT SPECIFICATIONS
Output available range: -10 % - +110 %
INSTALLATION
Power consumption
•AC: 4 VA at 100 V AC
5 VA at 200 V AC
6 VA at 264 V AC
•DC: ≤ 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 130 g (0.29 lb)
PERFORMANCE in percentage of span
■ PV DISPLAY
Display accuracy: ±0.2 % ±1 digit of the span
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Line voltage effect: Included in the display accuracy
■ OUTPUT SIGNAL
Setpoint accuracy: ±0.2 % of the span
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: Approx. 0.5 sec. (0 – 90 %)
Line voltage effect: Included in the setpoint accuracy
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com