Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # AB2
Description  Plug-in Signal Conditioners M-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AB2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  AB2 Datasheet HTML 1Page - M-System Co.,Ltd. AB2 Datasheet HTML 2Page - M-System Co.,Ltd. AB2 Datasheet HTML 3Page - M-System Co.,Ltd. AB2 Datasheet HTML 4Page - M-System Co.,Ltd. AB2 Datasheet HTML 5Page - M-System Co.,Ltd. AB2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: AB2
AB2 SPECIFICATIONS
ES-2635 Rev.8 Page 2/6
http://www.m-system.co.jp/
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Soft-Terminal (model: ST/STL)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 % (Factory default)
Lower output limit available range: -15.0 to 0.0 %
Upper output limit available range: 100.0 to 115.0 %
Ramp rate adjustment (MAN mode only): Approx. 3 – 990
sec. (Adjustable on front panel in available range of factory
default)
(Factory default: Approx. 5 - 30 sec.)
Minimum response time* available range (MAN mode):
3 - 990 sec.
Maximum response time* available range (MAN mode):
3 - 990 sec.
* Minimum response time < Maximum response time
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current (from the computer): Shunt resistor attached
to input terminals (0.5 W)
■ DC Voltage (from the computer): -300 – +300 V DC
Input resistance
Span 10 - 100 mV: Input resistance ≥ 10 kΩ
Span 0.1 - 1 V: Input resistance ≥ 100 kΩ
Span ≥ 1 V: Input resistance ≥ 1 MΩ
Minimum span: 10 mV
Offset: Max. 1.5 times span
■ Contact Input: TTL level (5V-CMOS level) or open
collector/dry contact (saturation voltage ≤ 1 V, sink current
0.5 mA)
•Stop signal from the computer
ON: The AB2 tracks the computer input.
OFF: The AB2 holds the value just before the OFF signal.
•Soft-terminal input in manual mode
UP: The output increases with UP signal ON.
DOWN: The output decreases with DOWN signal ON.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Rating ±10 %, 50/60 ±2 Hz,
approx. 5 VA at 100 V
approx. 7 VA at 200 V
approx. 10 VA at 240 V
•DC: Rating ±10 % (ripple 10 %p-p max.) approx. 3.5 W
(150 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ± 0.15 %
AUTO to MAN switching accuracy: ± 0.5 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time:
≤ 0.8 sec. in AUTO (0 – 90 %)
Approx. 3 – 990 sec. variable in MAN (0 – 100 %)
(Factory default: Approx. 5 – 30 sec.)
The output tracks the computer input in AUTO response
time during the transition from MAN to AUTO.
Output memory at power failure: The output value is stored
in memory.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute
(input to output to power)
2000 V AC @1 minute
(input or output or power to ground)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com