Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38F25 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 38F25
Description  DCS Input/Output Relay Card Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38F25 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  38F25 Datasheet HTML 1Page - M-System Co.,Ltd. 38F25 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 38F2-5
http://www.m-system.co.jp/
38F2-5 SPECIFICATIONS
ES-4569 Rev.1 Page 1/2
DCS Input/Output Relay Card Series
OUTPUT RELAY CARD
Functions & Features
• Interposing relay output card for DCS (Distributed Control
System)
• Large current
• Voltage output directly driving an electromagnetic valve
and 6-Amp dry contact
• Test switch and LED help you debugging or checking
operation
MODEL: 38F2-5[1]
ORDERING INFORMATION
• Code number: 38F2-5[1]
Specify a code from below for [1].
(e.g. 38F2-51)
INPUT
Dry contact or open collector
OUTPUT
Dry contact and voltage
[1] TEST SWITCH
0: Non-lock switch
1: Lock switch
RELATED PRODUCTS
•Standard Rack (model: 38D2-B)
GENERAL SPECIFICATIONS
Construction: Rack mounted; terminal access via screw
terminals at the front and via connector at the rear
Connection
Input: Card-edge connector
Dry contact & voltage output: M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Isolation: Input or power to voltage output to alarm contact
to dry contact output
Indicator LED: Red lights turn on when the coil is energized.
Test switch
AUTO: Relay energized at ON input
OFF: Forced relay de-energized
ON: Forced relay energized
Fuse for the voltage output: 0.5 A
Alarm contact: Dry contact output at the rack terminal when
the fuse is blown
125 V AC@ 0.5 A (cos ø = 1) 25 VA
125 V DC@ 0.5 A (resistive load) 25 W
INPUT & OUTPUT
Input: Dry contact or open collector
Contact detecting: 24 V DC @ 60 mA
■ DRY CONTACT OUTPUT: SPDT
Rating: 120 V AC or 24 V DC @ 6 A (resistive load)
120 V AC @ 6A (cos ø = 0.4)
24 V DC @ 3 A (L/R 7 ms)
Maximum switching rating: 250 V AC @ 6 A with resistive
load; @ 5 A with cos ø = 0.4;
125 V DC @ 0.5 A with resistive load; 0.2 A
with L/R 7 ms
Relay life
Mechanical: 107 cycles
Electrical: 105 cycles (30 cycles / min.)
Relay protection: External protection for the relay and
spark quenching are recommended with inductive load (coil,
etc.).
■ VOLTAGE OUTPUT: 100 V AC or 24 V DC ±10 %
Load current: 0.5 A max. (8 A max. in total of 16 cards)
Jumper pin: Close across the spark quenching diode at the
load with DC power voltage output.
INSTALLATION
Power input
DC power supply: 24 V DC ±10 %, approx. 60 mA
(ripple 10 %p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 35 to 90 %RH (non-condensing)
Mounting: Standard Rack 38D2-B
Weight: 100 g (3.53 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute
(input or power to voltage output to alarm contact to dry


Similar Part No. - 38F25

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
38F CDE-38F Datasheet
111Kb / 1P
AC Motor- Run Capacitor Hardware and Accessories
38FB4420-F CDE-38FB4420-F Datasheet
157Kb / 3P
AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
38FB4425-F CDE-38FB4425-F Datasheet
157Kb / 3P
AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
38FB4430-F CDE-38FB4430-F Datasheet
157Kb / 3P
AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
38FB4435-F CDE-38FB4435-F Datasheet
157Kb / 3P
AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
More results

Similar Description - 38F25

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
38BSH3 MSYSTEM-38BSH3 Datasheet
118Kb / 4P
DCS Input/Output Relay Card Series
38BSH2 MSYSTEM-38BSH2 Datasheet
58Kb / 2P
ONE-SHOT OUTPUT RELAY CARD
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
OUTPUT RELAY CARD
38BIS8 MSYSTEM-38BIS8 Datasheet
59Kb / 2P
INPUT RELAY CARD
ASD1 MSYSTEM-ASD1 Datasheet
139Kb / 2P
OUTPUT RELAY CARD
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
OUTPUT RELAY CARD
38N5 MSYSTEM-38N5 Datasheet
85Kb / 2P
INPUT RELAY CARD
logo
Pepperl+Fuchs Inc.
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
Relay output
2021-12-01
LB6101H PF-LB6101H Datasheet
652Kb / 3P
Relay output
2021-12-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com