Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38BXCS Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 38BXCS
Description  STANDARD RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38BXCS Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  38BXCS Datasheet HTML 1Page - M-System Co.,Ltd. 38BXCS Datasheet HTML 2Page - M-System Co.,Ltd. 38BXCS Datasheet HTML 3Page - M-System Co.,Ltd. 38BXCS Datasheet HTML 4Page - M-System Co.,Ltd. 38BXCS Datasheet HTML 5Page - M-System Co.,Ltd. 38BXCS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
38BXCS
ES-4581 Rev.4
Specifications subject to change without notice.
EXTERNAL DIMENSIONS mm (inch)
13
15
214
16
15
14
16
2
3
4
1
5
435 (17.13)
■RACK (standard)
■SURFACE (option /W)
465 (18.31)
480 (18.90)
CN2
CN1
5–M4 POWER
TERMINAL
13579
11
13
15
2468
10
12
14
16
P. 6 / 6
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
ch. 1 +
9
ch. 9 +
19
ch. 1 –
27
ch. 9 –
2
ch. 2 +
10
ch.10 +
20
ch. 2 –
28
ch.10 –
3
ch. 3 +
11
ch.11 +
21
ch. 3 –
29
ch.11 –
4
ch. 4 +
12
ch.12 +
22
ch. 4 –
30
ch.12 –
5
ch. 5 +
13
ch.13 +
23
ch. 5 –
31
ch.13 –
6
ch. 6 +
14
ch.14 +
24
ch. 6 –
32
ch.14 –
7
ch. 7 +
15
ch.15 +
25
ch. 7 –
33
ch.15 –
8
ch. 8 +
16
ch.16 +
26
ch. 8 –
34
ch.16 –
■38BXCS-H1: Hitachi DCS connector
•Location
CN1, CN2: DN10-36S (Hirose)
•CN1 Connector Pin Assignment
CN1
CN2
38-RACK CARD LOCATION NO.
12
3
4
5
6
78
9
10 11 12 13 14 15 16
24
6
8
10 12 14 16
18 20 22 24 26 28 30 32
13
5
7
9
11 13 15
17 19 21 23 25 27 29 31
38-RACK CARD CHANNEL NO.
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
ch.17 +
9
ch.25 +
19
ch.17 –
27
ch.25 –
2
ch.18 +
10
ch.26 +
20
ch.18 –
28
ch.26 –
3
ch.19 +
11
ch.27 +
21
ch.19 –
29
ch.27 –
4
ch.20 +
12
ch.28 +
22
ch.20 –
30
ch.28 –
5
ch.21 +
13
ch.29 +
23
ch.21 –
31
ch.29 –
6
ch.22 +
14
ch.30 +
24
ch.22 –
32
ch.30 –
7
ch.23 +
15
ch.31 +
25
ch.23 –
33
ch.31 –
8
ch.24 +
16
ch.32 +
26
ch.24 –
34
ch.32 –
•CN2 Connector Pin Assignment
HITACHI DCS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com