Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2LC-S2A-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # AD2LC-S2A-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD2LC-S2A-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  AD2LC-S2A-R Datasheet HTML 1Page - M-System Co.,Ltd. AD2LC-S2A-R Datasheet HTML 2Page - M-System Co.,Ltd. AD2LC-S2A-R Datasheet HTML 3Page - M-System Co.,Ltd. AD2LC-S2A-R Datasheet HTML 4Page - M-System Co.,Ltd. AD2LC-S2A-R Datasheet HTML 5Page - M-System Co.,Ltd. AD2LC-S2A-R Datasheet HTML 6Page - M-System Co.,Ltd. AD2LC-S2A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: AD2LC
AD2LC SPECIFICATIONS
ES-1388 Rev.14 Page 6/7
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Low Drift
Amplifier
Base Socket
U(+)
V(–)
POWER
7
8
1
2
4
5
Isolation
6
3
9
OUTPUT
Digital
Computation
Circuit
PL1
(POL)
DATA
ITEM
PL2
(HOLD)
Low Drift
DC Volt.
Stabilizer
CONTACT
INPUT (Di)
10
11
STRAIN
GAUGE
+
–
+
–
+
–
INPUT
EXC.
■ Connection Examples
AD2LC
26-pin
CONNECTOR
H : 4.5V or more
L : 0.5V or less
OUTPUT
COM (-)
AD2LC
26-pin
CONNECTOR
Max. collector-emitter voltage : 30V DC
Max. collector current : 30mA
Saturation voltage : ≤ 1.1V DC
OUTPUT
COM (-)
LOAD
• OPEN COLLECTOR
• CMOS LEVEL (5V-CMOS)
For inductive load, connect
a spark quenching diode at
load side.
OUTPUT CONNECTOR (26-pin)
22
HOLD *
1
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
1 × 100
17
COM
2
2 × 100
18
COM
3
4 × 100
19
OVF
4
8 × 100
20
POL
5
1 × 101
21
DAV
6
2 × 101
7
4 × 101
23
COM
8
8 × 101
24
COM
9
1 × 102
25
No connection
10
2 × 102
26
No connection
11
4 × 102
12
8 × 102
13
1 × 103
14
2 × 103
15
4 × 103
16
8 × 103
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
B 0
17
COM
2
B 1
18
COM
3
B 2
19
OVF
4
B 3
20
POL
5
B 4
21
DAV
6
B 5
22
HOLD *
1
7
B 6
23
COM
8
B 7
24
COM
9
B 8
25
No connection
10
B 9
26
No connection
11
B10
12
B11
13
B12
14
B13
15
B14
16
B15
■ BCD OUTPUT
■ BINARY, TWO’S COMPLEMENT OUTPUTS
*1. HOLD signal is for input, the others are for output.
Note: With the number of bits set to 14 (or 12, 10, 8) with ITEM 20, Pin No. 1 – 14 (or 1 – 12, 1 – 10, 1 – 8) are valid.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com