Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38BOS6-1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 38BOS6-1-R
Description  OUTPUT RELAY CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38BOS6-1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  38BOS6-1-R Datasheet HTML 1Page - M-System Co.,Ltd. 38BOS6-1-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES-4578
MODEL
DCS Input/Output Relay Card Series
38BOS6
OUTPUT RELAY CARD
P. 1 / 2
MODEL & SUFFIX CODE SELECTION
38BOS6––R
MODEL
TEST SWITCH
0 :Without
1 :With (AUTO at the center)
POWER INPUT
R : 24V DC
ORDERING INFORMATION
Specify code number. (e.g. 38BOS6-1-R)
RELATED PRODUCTS
•Standard Rack (model: 38B)
GENERAL SPECIFICATIONS
Construction: rack mounted; terminal access via
screw terminals at the front and via
connector at the rear; terminal cover
provided
Connection
Input:
connector
Output: M3.5 screw terminals
(nickel-plated steel; torque 0.8 N·m)
Power input: supplied from connector
Isolation:
input or power to output
INPUT & OUTPUT
■INPUT:
status output from a controller
24V DC @30mA min.
ON resistance ≤200Ω
OFF resistance ≥100kΩ
■OUTPUT: dry contact
Rating:
250V AC @3A (cosø=1)
30V DC @3A (resistive load)
Minimum switching load: 5V DC @10mA
Relay life
Mechanical: 5 × 107 cycles
Electrical: 105 cycles
Relay protection: external protection recommended
when driving an inductive load (coil etc.)
INSTALLATION
Power input: 24V DC ±10%, approx. 60mA
(ripple 10% p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: Standard Rack 38B
Dimensions: W24×H110×D110 mm
(0.94"×4.33"×4.33")
Weight:
150 g (0.33 lbs)
PERFORMANCE
Insulation resistance: ≥100MΩ with 500V DC
Dielectric strength: 1500V AC @1 minute
(input or power to output to gnd)
FRONT VIEW
12
34
78
56
Test SW
LED
•Ch.1
Output Terminals
Test SW
LED
•Ch.2
Output Terminals
Terminal Cover


Similar Part No. - 38BOS6-1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
38BOS6-1-R MSYSTEM-38BOS6-1-R Datasheet
139Kb / 2P
OUTPUT RELAY CARD
More results

Similar Description - 38BOS6-1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
38F25 MSYSTEM-38F25 Datasheet
88Kb / 2P
DCS Input/Output Relay Card Series
38BSH3 MSYSTEM-38BSH3 Datasheet
118Kb / 4P
DCS Input/Output Relay Card Series
38BSH2 MSYSTEM-38BSH2 Datasheet
58Kb / 2P
ONE-SHOT OUTPUT RELAY CARD
ASD1 MSYSTEM-ASD1 Datasheet
139Kb / 2P
OUTPUT RELAY CARD
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
OUTPUT RELAY CARD
logo
Pepperl+Fuchs Inc.
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
Relay output
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
Relay output
2021-12-01
LB6101H PF-LB6101H Datasheet
652Kb / 3P
Relay output
2021-12-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com