Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3V-S2A-R3 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # AD3V-S2A-R3
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD3V-S2A-R3 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  AD3V-S2A-R3 Datasheet HTML 1Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 2Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 3Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 4Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 5Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 6Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 7Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 8Page - M-System Co.,Ltd. AD3V-S2A-R3 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: AD3V
AD3V SPECIFICATIONS
ES-1389 Rev.24 Page 3/9
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EXTERNAL VIEW
DATA
ITEM
DATA
ITEM
ITEM
UP-DOWN Keys
PL2 (HOLD) LED
PL1 (POL) LED
DATA Display
ITEM Display
DATA
UP-DOWN Keys
26-pin Connector
(Pin Assignments)
1
2
25
26
PARAMETER LIST
It is available to configure or confirm settings shown below by using front key pad.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com