Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38BIS8-0-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 38BIS8-0-R
Description  INPUT RELAY CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38BIS8-0-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  38BIS8-0-R Datasheet HTML 1Page - M-System Co.,Ltd. 38BIS8-0-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES-4594
MODEL
DCS Input/Output Relay Card Series
38BIS8
INPUT RELAY CARD
P. 1 / 2
MODEL & SUFFIX CODE SELECTION
38BIS8–
❑–R
MODEL
TEST SWITCH
0 :Without
1 :With (AUTO at the center)
POWER INPUT
R : 24V DC
ORDERING INFORMATION
Specify code number. (e.g. 38BIS8-1-R)
RELATED PRODUCTS
•Standard Rack (model: 38B
❑)
GENERAL SPECIFICATIONS
Construction: rack mounted; terminal access via
screw terminals at the front and via
connector at the rear; terminal cover
provided
Connection
Input & re-transmitted output: M3.5 screw termi-
nals (nickel-plated steel; torque 0.8 N·m)
Output: connector
Power input: supplied from connector
Isolation:
input or power to output to re-transmit-
ted output
INPUT & OUTPUT
■INPUT:
dry contact or open collector
24V DC @40mA min.
ON resistance ≤200Ω
OFF resistance ≥100kΩ
■OUTPUT: dry contact
Rating
Output: 30V DC @0.3A (resistive load)
Re-transmitted output: 250V AC @3A (cosø=1)
30V DC @3A (resistive load)
Minimum switching load: 5V DC @10mA
Relay life
Mechanical: 5 × 107 cycles
Electrical: 105 cycles
Relay protection: external protection recommended
when driving an inductive load (coil etc.)
INSTALLATION
Power input: 24V DC ±10%, approx. 70mA
(ripple 10% p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: Standard Rack 38B
❑
Dimensions: W24×H110×D110 mm
(0.94"×4.33"×4.33")
Weight:
150 g (0.33 lbs)
PERFORMANCE
Insulation resistance: ≥100MΩ with 500V DC
Dielectric strength: 1500V AC @1 minute
(input or power to output to re-transmit-
ted output to gnd)
FRONT VIEW
12
34
78
56
Test SW
LED
•Ch.1
Input Terminals
Test SW
LED
•Ch.2
Input Terminals
Terminal Cover


Similar Part No. - 38BIS8-0-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38B5 RENESAS-38B5 Datasheet
908Kb / 70P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38B5 RENESAS-38B5 Datasheet
3Mb / 356P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7 RENESAS-38B7 Datasheet
1Mb / 110P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38B7 RENESAS-38B7 Datasheet
4Mb / 415P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - 38BIS8-0-R

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
COMMON INPUT OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
COMMON INPUT OptoMOS Relay
logo
Picker Components
PCS34 PICKER-PCS34 Datasheet
575Kb / 3P
AC Input Solid State Relay
PCS34-AC PICKER-PCS34-AC Datasheet
1Mb / 3P
AC Input Solid State Relay
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
DC Input Solid State Relay
logo
M-System Co.,Ltd.
38F25 MSYSTEM-38F25 Datasheet
88Kb / 2P
DCS Input/Output Relay Card Series
38BSH3 MSYSTEM-38BSH3 Datasheet
118Kb / 4P
DCS Input/Output Relay Card Series
38N5 MSYSTEM-38N5 Datasheet
85Kb / 2P
INPUT RELAY CARD
logo
WAGO Kontakttechnik Gmb...
788-515_VO1 WAGO-788-515_VO1 Datasheet
638Kb / 7P
Relay module; Nominal input voltage
03.10.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com