Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YBS2002 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # YBS2002
Description  2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

YBS2002 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  YBS2002 Datasheet HTML 1Page - First Silicon Co., Ltd YBS2002 Datasheet HTML 2Page - First Silicon Co., Ltd YBS2002 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
FEATUR ES:
Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 2.0 A
• High Surge Current Capability
• Designed for Surface Mount Application
•
MECHA NICA L DATA
• Case: YBS
• Terminals: Solderable per MIL-STD-750, Method 2026
A
• pprox. Weight: 0.234g / 0.00825oz
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 6
0 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum Ratings and Electrical characteristics
Note: 1. Measured at 1M
Hz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
(
×
)copper pad.
1.5" 1.5"
3.81 3.81 cm
Output Cathode(-)
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Anode(+)
Input Pin(~)
Input Pin(~)
4
3
2
1
YBS Package
+
-
~
~
(2)
(1)
(3)
(4)
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Singl
e Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 2.0 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Typical Junction Capacitance
(Note1)
VRRM
VRMS
VDC
IO
IFSM
VF
V
V
V
2.0
50
1.1
30
-55 ~ +150
A
A
V
μA
pF
°C
Units
Cj
T , T
j
stg
Symbols
Average Rectified Output Current
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
5
100
@
T =25
°C
A
@
T =125
°C
A
YBS2001
YBS2002
60
10
25
Typical Thermal Resistance
(Note2)
RθJA
RθJC
RθJL
°C/W
SEMICONDUCTOR
TECHNICAL DATA
YBS2001 ~ YBS2010
2018. 04. 12
1/3
Revision No : 0
YBS2004
YBS2006
YBS2008
YBS2010


Similar Part No. - YBS2002

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
YBS2002 YANGJIE-YBS2002 Datasheet
160Kb / 2P
Bridge Rectifier
More results

Similar Description - YBS2002

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABF2010-ABF YFWDIODE-ABF2010-ABF Datasheet
419Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS201-ABS-LBF YFWDIODE-ABS201-ABS-LBF Datasheet
420Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1F-20-ABF YFWDIODE-TB1F-20-ABF Datasheet
417Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS210 DIODES-ABS210 Datasheet
337Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
DBF210 DIODES-DBF210 Datasheet
581Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
DONGGUAN YOU FENG WEI E...
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB20B SKTECHNOLGY-MSB20B Datasheet
493Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
AiT Semiconductor Inc.
ABS201 AITSEMI-ABS201 Datasheet
517Kb / 5P
BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com