Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM3.3 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # ZMM3.3
Description  Zener VoltageRange: 1.0 to 200Volts, 0.5W ZenerDiodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ZMM3.3 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  ZMM3.3 Datasheet HTML 1Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 2Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 3Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 4Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 5Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 6Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 7Page - First Silicon Co., Ltd ZMM3.3 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s
e
d
o
i
D
r
e
n
e
Z
0.5W
s,
tl
o
V
0
o 20
t
0
.
1
:
e
g
n
a
R
e
g
a
tl
o
V
r
e
n
e
Z
SEMICONDUCTOR
TECHNICAL DATA
ZMM1 ~ ZMM200
2011. 09. 22
1/8
Revision No : 0


Similar Part No. - ZMM3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM3.3 SEMTECH-ZMM3.3 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM3.3 GE-ZMM3.3 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM3.3 DIOTEC-ZMM3.3 Datasheet
1Mb / 4P
Surface mount Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
ZMM3.3 EIC-ZMM3.3 Datasheet
36Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMM3.3 DIOTEC-ZMM3.3 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM3.3

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N957B JGD-1N957B Datasheet
185Kb / 2P
0.5W SILICON ZENER DIODES
logo
Sensitron
1C6324 SENSITRON-1C6324 Datasheet
76Kb / 2P
ZENER 0.5W VOLTAGE REGULATOR
1C6326 SENSITRON-1C6326 Datasheet
58Kb / 2P
ZENER 0.5W VOLTAGE REGULATOR
logo
Shenzhen Luguang Electr...
ZMM55C LUGUANG-ZMM55C Datasheet
314Kb / 4P
0.5W Zener Diodes
BZT52C LUGUANG-BZT52C Datasheet
143Kb / 3P
0.5W Zener Diodes
logo
Silicon Supplies
BZX55A SS-BZX55A Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A SS-BZX55A_19 Datasheet
367Kb / 3P
0.5W Zener Diode
1N5221D SS-1N5221D Datasheet
342Kb / 4P
0.5W Zener Diode
1N5221B SS-1N5221B Datasheet
345Kb / 4P
0.5W Zener Diode
logo
First Silicon Co., Ltd
ZMY3.9 FS-ZMY3.9 Datasheet
661Kb / 5P
Zener VoltageRange: 3.9 to 100Volts, 1W ZenerDiodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com