Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC-S23-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # AS4LC-S23-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AS4LC-S23-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  AS4LC-S23-R Datasheet HTML 1Page - M-System Co.,Ltd. AS4LC-S23-R Datasheet HTML 2Page - M-System Co.,Ltd. AS4LC-S23-R Datasheet HTML 3Page - M-System Co.,Ltd. AS4LC-S23-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: AS4LC
AS4LC SPECIFICATIONS
ES-1601 Rev.13 Page 2/4
https://www.m-system.co.jp/
• Others
(Refer to the instruction manual)
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Range: -1999 to 9999
(decimal point position selectable)
PV indication: Input signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red LEDs turn on when coils are energized.
(PL1 and PL2 for 2-point alarm. PL1, PL2, PL3 and PL4 for 4-
point alarm.)
INPUT SPECIFICATIONS
■ Strain Gauge Input
• Strain Gauge
Sensor sensitivity setting
S1: 0.010 - 3.000mV/V
S2: 0.010 - 9.999mV/V
S3: 0.10 - 30.00mV/V
Sensor sensitivity setting min. step:
S1: 0.001 mV/V
S2: 0.001 mV/V
S3: 0.01 mV/V
Default setting:
S1: 3.000 mV/V
S2: 9.999 mV/V
S3: 30.00 mV/V
Rated output from strain gauge:
S1: -30.00 – +30.00 mV, span 1.00 – 30.00 mV
S2: -99.99 – +99.99 mV, span 3.00 – 99.99 mV
S3: -300.0 – +300.0 mV, span 10.0 – 300.0 mV
Input voltage setting min. step:
S1: 0.01 mV
S2: 0.01 mV
S3: 0.1 mV
Note: Consult factory for use with a compression/tension
load cells.
• Excitation: 0.1 – 12.0 V adjustable (0.1 V increments)
Maximum current: 30 mA
Default setting: 1.0 V
■ Contact Input: TTL level (5V-CMOS level), open collector
or dry contact (detecting voltage: approx. 5 V, saturation
voltage: ≤ 1 V, sink current: 0.5 mA)
OUTPUT SPECIFICATIONS
Relay rating:
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
(Limited within 0.5 A to conform with EU Directive)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
0
50
100
▲
Input
(%)
LL
L
▲
▲
HH
H
L2 (15–8)
ON
▲
L3 (10–8)
ON
L4 (1–8)
ON
OFF
OFF
L1 (9–8)
ON
OFF
OFF
Alarm Trip Operation
Terminal No. in parentheses
Example with quad N.O. contacts (LL, L, H, HH)
Trip Operation in Power Failure
• Output code 2: All relays turn off.
• Output code 3: All relays turn on.
• Output code 5: Terminals 15 – 8, 1 – 8 turn on.
INSTALLATION
Power consumption
•AC: Approx. 11 VA
•DC: Approx. 8 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lb)
PERFORMANCE in percentage of span
Setpoint accuracy (trip point accuracy): ±(0.1 % of FS + 1
digit)
Display accuracy: ±(0.1 % of FS + 1 digit)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Response time: ≤ 1.5 sec. (0 – 100 % at 90 % setpoint)
Excitation: Set value ±250 mV
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com