Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2-R5WRA1-M2 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # ABM2-R5WRA1-M2
Description  Final Control Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ABM2-R5WRA1-M2 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  ABM2-R5WRA1-M2 Datasheet HTML 1Page - M-System Co.,Ltd. ABM2-R5WRA1-M2 Datasheet HTML 2Page - M-System Co.,Ltd. ABM2-R5WRA1-M2 Datasheet HTML 3Page - M-System Co.,Ltd. ABM2-R5WRA1-M2 Datasheet HTML 4Page - M-System Co.,Ltd. ABM2-R5WRA1-M2 Datasheet HTML 5Page - M-System Co.,Ltd. ABM2-R5WRA1-M2 Datasheet HTML 6Page - M-System Co.,Ltd. ABM2-R5WRA1-M2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: ABM2
ABM2 SPECIFICATIONS
ES-2622 Rev.5 Page 6/7
https://www.m-system.co.jp/
EXTERNAL VIEW
50
40
30
20
10
0
100
CAS
OUT
MAN
CAS/Z
MV/DZ
INF.
IND
PV/S
80
60
40
20
0
90
70
50
30
10
MAN Control Button (UP)
CAS-MAN Selector (OUT)
MAN Control Button (DOWN)
MAN Output LED
(ON at Manual Mode)
CAS Output LED
(ON at CAS Mode)
INF. LED
MV/DZ LED
CAS/Z LED
PV/S LED
Digital Display
Selector
Digital Display
Bargraph Display
Tag Plate
%
m
%
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
48 (1.89)
45 (1.77)
12.5
(.49)
2 (.08)
86 (3.39)
98.5 (3.88)
20–M3 SCREW TERMINAL
TERMINAL COVER
MOUNTING BRACKET
WATERTIGHT PACKING
4–M3 SCREW
1
11
2
12
3
13
4
14
5
15
6
16
7
17
8
18
9
19
10 20
50
40
30
20
10
0
100
CAS
OUT
MAN
PV/S
MV/DZ
INF.
IND
CAS/Z
80
60
40
20
0
%
m
%
90
70
50
30
10
PANEL CUTOUT unit: mm
Panel thickness: 1.6 – 8.0 mm
• Single Mounting
(Conform to degree of protection IP65)
• Clustered Mounting
(Not conform to degree of protection IP65)
45
+ 0.6
– 0
Panel thickness: 1.6 – 8.0 mm
L = (45.5 + 48 × (N – 1))
(N : number of units)
+1
–0
L
Note 1: Observe at the minimum of 3 cm above and below the units for heat dissipation.
Note 2: When replacing ABM, confirm that panel cutout size is the same as shown above.
• When mounting, no extra space is needed between units.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com