Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3V-Z1A-R3/Q Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # AD3V-Z1A-R3/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD3V-Z1A-R3/Q Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  AD3V-Z1A-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 6Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 7Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 8Page - M-System Co.,Ltd. AD3V-Z1A-R3/Q Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: AD3V
AD3V SPECIFICATIONS
ES-1389 Rev.24 Page 8/9
https://www.m-system.co.jp/
INPUT-OUTPUT RELATION EXAMPLES
• FS
-FS stands for -15 % of the input range, which is configured by ITEM 22, 0 % input voltage/current and ITEM 23, 100 % input
voltage/current. +FS stands for +115 % of the input range.
• OVF
When one of the following conditions is true, the digital output overflows (OVF).
1) When the input signal is out of the range between -FS and +FS.
2) When the display value (= output signal) exceeds the display range.
The display range differs according to output code. For example, in case of BCD with polarity, it is -9999 to 9999. Please refer
to the instruction manual for detail.
■ BCD, BINARY (WITH POLARITY)
MSB
POL
POLARITY
DATA
LSB
MSB
POL
UNUSED
DATA
LSB
■ OFFSET BINARY & TWO’S COMPLEMENT
–FS
OVF
0%
DIGITAL OUTPUT
+FS
ANALOG INPUT
OVF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com