Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3V-S1A-R3/Q Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # AD3V-S1A-R3/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD3V-S1A-R3/Q Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  AD3V-S1A-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 6Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 7Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 8Page - M-System Co.,Ltd. AD3V-S1A-R3/Q Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: AD3V
AD3V SPECIFICATIONS
ES-1389 Rev.24 Page 7/9
https://www.m-system.co.jp/
OUTPUT CONNECTOR (26-pin)
■ BCD OUTPUT
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
1
100
17
COM *1
2
2
100
18
COM (–)
3
4
100
19
OVF
4
8
100
20
POL
5
1
101
21
DAV
6
2
101
22
HOLD *
2
7
4
101
23
P0 *3
8
8
101
24
P1
9
1
102
25
P2
10
2
102
26
P3
11
4
102
12
8
102
13
1
103
14
2
103
15
4
103
16
8
103
■ BINARY, TWO’S COMPLEMENT OUTPUTS
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
B0
17
2
B1
18
3
B2
19
OVF
4
B3
20
POL
5
B4
21
DAV
6
B5
22
7
B6
23
8
B7
24
9
B8
25
10
B9
26
11
B10
12
B11
13
B12
14
B13
15
B14
16
B15
COM *
1
COM (–)
HOLD *
2
P0 *4
P1
P2
P3
*1. For open collector (NPN) and CMOS level, COM (–). For open collector(PNP), COM (+).
*2. HOLD signal is for input, the others are for output.
*3. P0 corresponds to n × 100, P1 to n × 101, P2 to n × 102, P3 to n × 103. P0 – P3 are in sync when the parity for all digits
are valid.
*4. P0 corresponds to B0 – B3, P1 to B4 – B7, P2 to B8 – B11, P3 to B12 – B15. P0 – P3 are in sync when the parity for all
digits are valid.
Note: With the number of bits set to 14 (or 12, 10, 8) with ITEM 10, Pin No. 1 – 14 (or 1 – 12, 1 – 10, 1 – 8) are valid.
TIMING CHART
DAV
OUTPUT
DATA
OUTPUT
output rate approx. 10 ms*
approx. 1 ms**
HOLD
INPUT
Data output is halt during HOLD input.
DAV is output during DATA output.
* Varies by individual module. Set to ‘n’ times with ITEM 20.
**Selectable with ITEM 17.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com