Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3V-S1B-R3/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # AD3V-S1B-R3/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AD3V-S1B-R3/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  AD3V-S1B-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 6Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 7Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 8Page - M-System Co.,Ltd. AD3V-S1B-R3/Q Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MODEL: AD3V
AD3V SPECIFICATIONS
ES-1389 Rev.24 Page 6/9
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
U(+)
V(–)
POWER
7
8
Low Drift
Amplifier
Isolation
A/D
Converter
+
–
*
INPUT
R
4
6
5
1
2
3
*Input shunt resistor attached for current input.
OUTPUT
Digital
Computation
Circuit
PL1
(POL)
DATA
ITEM
PL2
(HOLD)
■ Connection Examples
AD3V
26-pin
CONNECTOR
H : 4.5V or more
L : 0.5V or less
OUTPUT
COM (-)
AD3V
26-pin
CONNECTOR
Max. collector-emitter voltage : 30V DC
Max. collector current : 30mA
Saturation voltage : ≤ 2.0V DC
Max. collector-emitter voltage : 30V DC
Max. collector current : 30mA
Saturation voltage : ≤ 1.1V DC
OUTPUT
COM (-)
LOAD
• OPEN COLLECTOR (NPN)
• OPEN COLLECTOR (PNP)
• CMOS LEVEL (5V-CMOS)
AD3V
COM (+)
OUTPUT
LOAD
COM (-)
26-pin
CONNECTOR
For inductive load, connect
a spark quenching diode at
load side.
For inductive load, connect
a spark quenching diode at
load side.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com