Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603C103C2RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603C103C2RAC
Description  CERAMIC CHIP/STANDARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C103C2RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0603C103C2RAC Datasheet HTML 1Page - Kemet Corporation C0603C103C2RAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
41
KEMET
®
CERAMIC CHIP/STANDARD
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used for 63 volt applications.
* EIA preferred chip sizes
C0805*
C1206*
C1210*
C1812*
C1825*
C2225
100V
50V 100V 50V 100V 50V
334
394
474
100V
100V
50V
100V
50V
100V
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
50V
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
M,Z
CAP
TOL
6800.0
8200.0
10,000.0
12,000.0
15,000.0
18,000.0
22,000.0
27,000.0
33,000.0
39,000.0
47,000.0
56,000.0
68,000.0
82,000.0
100,000.0
120,000.0
150,000.0
180,000.0
220,000.0
270,000.0
330,000.0
390,000.0
470,000.0
560,000.0
680,000.0
820,000.0
1,000,000.0
1,200,000.0
1,500,000.0
1,800,000.0
2,200,000.0
CAP.
PF
682
822
103
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
274
334
473
563
683
823
823
104
124
154
184
224
274
334
394
474
564
684
824
105
823
104
124
154
184
224
274
334
394
474
564
684
824
105
125
155
185
225
184
224
274
334
394
334
394
474
564
684
824
105
125
155
185
225
Z5U CAPACITANCE RANGE
(KEMET's Z5U also meets Y5V Characteristics)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com