Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM150 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # ZMM150
Description  Zener VoltageRange: 1.0 to 200Volts, 0.5W ZenerDiodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

ZMM150 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  ZMM150 Datasheet HTML 1Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 2Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 3Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 4Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 5Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 6Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 7Page - First Silicon Co., Ltd ZMM150 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011. 09. 22
2/8
Revision No : 0
ZMM1 ~ ZMM200
(Ta 25℃)
(Ta 125℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com