Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2-R5WRA2-M2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ABM2-R5WRA2-M2
Description  Final Control Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ABM2-R5WRA2-M2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ABM2-R5WRA2-M2 Datasheet HTML 1Page - M-System Co.,Ltd. ABM2-R5WRA2-M2 Datasheet HTML 2Page - M-System Co.,Ltd. ABM2-R5WRA2-M2 Datasheet HTML 3Page - M-System Co.,Ltd. ABM2-R5WRA2-M2 Datasheet HTML 4Page - M-System Co.,Ltd. ABM2-R5WRA2-M2 Datasheet HTML 5Page - M-System Co.,Ltd. ABM2-R5WRA2-M2 Datasheet HTML 6Page - M-System Co.,Ltd. ABM2-R5WRA2-M2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: ABM2
ABM2 SPECIFICATIONS
ES-2622 Rev.5 Page 2/7
https://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP65; applicable to the front panel for
single unit mounted according to the specified panel cutout
Connection: M3 separable screw terminal (torque 0.6 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG. Co., Ltd., Nichifu Co., Ltd.
(Solderless terminals with insulation sleeve do not fit.)
Applicable wire size: 0.25 to 1.65 mm2
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray)
■ BUTTONS
Manual output switching: With CAS (cascade) - MAN
(manual) selector ('OUT'), it is available to switch between
cascade control outptting to follow CAS input signal and
manual operation.
MAN control button ▲▼: Change setting value. For MAN
mode control positioning output.
Digital display selector (IND): Switches between CAS input,
PV input, MV outout, Version display, User Zero setting, User
Span setting or Deadband.
■ FUNCTIONS
Manual status contact: Turns on when manual operation is
available
Isolation: CAS input to PV input to MV output or remote
output switch command to positioning output to MAN status
output to power
■ SCALE PLATE: Flame resistant resin
(replaceable at the front; white scale & characters on black
base)
Scale: Max. 4 characters including decimal point and
negative sign
• Divisions: Min. 21, max. 43.9
• Engineering unit: Max. 4 characters (Unit other than %
also can be specified)
■ LEDs
CAS output LED: Red LED turns on in CAS mode.
MAN output LED: Red LED turns on in MAN mode.
CAS/Z LED: Red LED turns on, CAS input % indication with 7
segments LED.
Green LED turns on while user zero setting indicated with 7
segments LED.
PV/S LED: Red LED turns on, PV input % indication with 7
segments LED.
Green LED turns on while user span setting indicated with 7
segments LED.
MV/DZ LED: Red LED turns on (MAN mode is included), MV
output % indication with 7 segments LED.
Green LED turns on while deadband value indicated with 7
segments LED.
IMF. LED: Red LED turns on, the firmware version indicated
with 7 segments LED.
Green LED turns on but Not Used.
■ USER ZERO SETTING, USER SPAN SETTING
It is available to change Zero and Span of PV input.
• User Zero setting range: 0.0 to 49.9% (factory default:
0%)
• User Span setting range: 50.0 to 100.0% (factory default:
100%)
■ DEADBAND
Setting range: 1.0 to 10.0% (factory default: 1.0%)
Hysteresis: 0.5 % fixed
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
BARGRAPH/DIGITAL DISPLAY
■ BARGRAPH: PV input is shown.
LED: 55 segments, 55.5 mm (2.19") long, 3.0 mm (.12")
wide. Display -4 to +104 % by 2 % step (for 0 %, 3
segments are on from bottom), for below -4 %, the bottom
segment is on.
■ DIGITAL INDICATOR: CAS input, PV input, MV output (No
scaling, display range: -15.0 to +115.0 %
LED: 4 digits, red, 10 mm (.39") high, 24 mm (.94") wide
Decimal point position: One decimal places fixed
Scaling range: -15 to +115.0%
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: 'Hi' is displayed when display
exceeds scaled range.
Under-range indication: 'Lo' is displayed when display
exceeds scaled range.
INPUT SPECIFICATIONS
■ CAS input
• DC Current
Input resistor incorporated
■ PV input
• DC Current
Input resistor incorporated
Min. span: ≥ 50% of input spec.
• DC Voltage
Min. span: ≥ 50% of input spec.
• Potentiometer
Total resistance: 100 Ω – 10 kΩ
Min span: ≥ 50% of total resistance
Reference voltage: 1 V DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com