Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2006K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2006K
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2006K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2006K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2006K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2006K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2006K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TC=25℃ unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristic
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V,ID= -250μA
-20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -16V, VGS = 0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±8V
-
-
±10
μA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= -250μA
-0.3
-0.65
-1.0
V
RDS(on)
Static Drain-Source on-Resistance
note2
VGS =-4.5V, ID =-0.5A
-
-
1.2
Ω
VGS =-2.5V, ID =-0.2A
-
-
1.5
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -16V, VGS = 0V,
f = 1.0MHz
-
113
-
pF
Coss
Output Capacitance
-
15
-
pF
Crss
Reverse Transfer Capacitance
-
9
-
pF
Switching Characteristics
td(on)
Turn-on Delay Time
VDS = -10V, ID = -0.2A,
RGEN=10Ω,VGS=-4.5V,
-
9
-
ns
tr
Turn-on Rise Time
-
5.7
-
ns
td(off)
Turn-off Delay Time
-
32.6
-
ns
tf
Turn-off Fall Time
-
20.3
-
ns
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain to Source Diode Forward
Current
-
-
-0.66
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-1.2
A
VSD
Drain to Source Diode Forward
Voltage
VGS = 0V, IS = -0.5A
-
-
-1.2
V
Notes:1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
LM2006K
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com