Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10DAW4 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 10DAW4
Description  10W - Single/Dual Output - Wide Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

10DAW4 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  10DAW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 10DAW4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
10DAW4_3 – Rev. 2017-1.0
Specifications subject to change without notice.
10DAW4_3 Series
10W - Single/Dual Output - Wide Input - Isolated & Regulated
DC-DC Converter
Typical application
EMC solution-recommended circuit
Note:
In Figure 1, part 1 is used for EMS test, part 2 for EMI filtering.
Choose according to requirements.
Model
10DAW4_S3
10DAW4_D3
Vin: 24V
Vin: 48V
Vin: 24V
Vin: 48V
FUSE
Choose according to actual input current
MOV
S20K30
S14K60
S20K30
S14K60
C0
680µF/50V
680µF/100V
680µF/50V
680µF/100V
C1
1µF/50V
1µF/100V
1µF/50V
1µF/100V
C2
330µF/50V
330µF/100V
330µF/50V
330µF/100V
C3
4.7µF/50V
4.7µF/100V
4.7µF/50V
4.7µF/100V
LCM
4.7mH
6.8mH
C4
Refer to the Cout in Typical application
CY1, CY2
1nF/3KV
1nF/3KV
Figure 1
All the DC/DC converters of this series are tested according to the
recommended circuit before delivery.
If it is required to further reduce input and output ripple, properly
increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the
capacitance is no larger than the max. capacitive load of the product.
Cin (µF)
Cout (µF)
10 - 47
10
It is not allowed to connect modules output in parallel to enlarge the power.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com