Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD04P10PLG Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SPD04P10PLG
Description  P-Channel 100 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SPD04P10PLG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SPD04P10PLG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SPD04P10PLG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
Transfer Characteristics
Transconductance
0
3
6
9
12
15
012
34
VGS =10Vthru5V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
VGS =3 V
0.0
0.4
0.8
1.2
1.6
2.0
012
34
TC = 25 °C
TC =125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0
5
10
15
20
25
0
3
6
9
12
15
ID - Drain Current (A)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
On-Resistance vs. Drain Current
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
0.10
0.20
0.30
0.40
0.50
0
3
6
9
12
15
VGS =4.5 V
VGS =10V
ID - Drain Current (A)
0.00
0.20
0.40
0.60
0.80
02
4
6
8
10
TJ = 25 °C
TJ = 150 °C
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0
5
10
15
20
25
VDS =80V
ID =3.6 A
VDS =50V
VDS =25V
Qg - Total Gate Charge (nC)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SPD04P10PLG
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com