Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3402
Description  N-Channel Super Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3402 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3402 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3402 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3402 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS最大額定值
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Drain-Source V oltage
漏極-源極電壓
BVDSS
30
V
Gate- Source V oltage
栅極-源極電壓
VGS
+12
V
Drain Current (continuous)
漏極電流-連續
ID
3.5
A
Drain Current (pulsed)
漏極電流-脉冲
IDM
15
A
Total Device Dissipation
總耗散功率
TA
=25℃環境溫度爲 25℃
PD
1250
mW
Junction
結溫
TJ
150
℃
Storage Temperature
儲存溫度
Tstg
-55to+150
℃
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
LM 340
340
340
3402
2
2
2=
=
=
=B
B
B
B2
2
2
2
LM3402
N-Channel Super Enhancement Mode MOSFET
LM
LM
LM
Rev :
www.leiditech.com
01.06.2017
1/3


Similar Part No. - LM3402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402 Datasheet
691Kb / 18P
LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
Texas Instruments
LM3402 TI1-LM3402 Datasheet
570Kb / 30P
LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI-LM3402 Datasheet
1Mb / 38P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402 Datasheet
1Mb / 36P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3402

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LM40P05Y LEIDITECH-LM40P05Y Datasheet
1,000Kb / 6P
P-Channel Super Enhancement Mode MOSFET
LM2304A LEIDITECH-LM2304A Datasheet
1Mb / 5P
N-Channel Super Enhancement Mode MOSFET
LM2307 LEIDITECH-LM2307 Datasheet
2Mb / 4P
P-Channel Super Enhancement Mode MOSFET
LM3407A LEIDITECH-LM3407A Datasheet
1Mb / 5P
P-Channel Super Enhancement Mode MOSFET
LMT3L3P04 LEIDITECH-LMT3L3P04 Datasheet
1,015Kb / 6P
P-Channel Super Enhancement Mode MOSFET
DMG2307LQ LEIDITECH-DMG2307LQ Datasheet
1Mb / 5P
P-Channel Super Enhancement Mode MOSFET
Rev : 01.06.2017
PMV50EPEA LEIDITECH-PMV50EPEA Datasheet
1Mb / 5P
P-Channel Super Enhancement Mode MOSFET
Rev : 01.06.2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com