Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3404 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3404
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3404 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3404 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Summary
● VDS
30V
● ID
5.6A
● RDS(ON)( at VGS=10V)
<29 mohm
● RDS(ON)( at VGS=4.5V)
<40 mohm
General Description
● Trench Power LV MOSFET technology
● High density cell design for low RDS(ON)
● High Speed switching
Applications
● Battery protection
● Load switch
● Power management
■ Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-source Voltage
VDS
30
V
Gate-source Voltage
VGS
±20
V
Drain Current
TA=25℃ @ Steady State
ID
5.6
A
TA=70℃ @ Steady State
4.5
Pulsed Drain Current A
IDM
30
A
Total Power Dissipation @ TA=25℃
PD
1.2
W
Thermal Resistance Junction-to-Ambient @ Steady State B
RθJA
104
℃/ W
Junction and Storage Temperature Range
TJ ,TSTG
-55~+150
℃
■ Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LM3404
F2
R4.
3000
7“ reel
Enhancement Mode Field Effect Transistor
N-Channel
LM3404
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM3404

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
547Kb / 24P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404 Datasheet
663Kb / 10P
Evaluation Board
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404 Datasheet
417Kb / 6P
Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
LM3404 NSC-LM3404 Datasheet
691Kb / 18P
LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
More results

Similar Description - LM3404

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com