Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6401 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6401
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6401 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6401 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6401 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Ta=25C
Maximum ratings
SOT-23 Plastic-Encapsulate MOSFETS
P-Channel 12-V(D-S) MOSFET
SOT-23
FEATURE
1. GATE
TrenchFET Power MOSFET
2. SOURCE
3. DRAIN
APPLICATIONS
z
Load Switch for Portable Devices
z
DC/DC Converter
MARKING:1F
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-12
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
-5.0
Pulsed Drain Current
IDM
-10
Continuous Source-Drain Diode Current
IS
-0.72
A
Maximum Power Dissipation
PD
0.
35
W
Thermal Resistance from Junction to Ambient(t 5s)
R JA
357
℃/W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55 ~
+150
℃
θ
≤
Pb-Free package is available
Smail Package Outine
Surface Mount Device
unless otherwise noted)
z
z
z
z
Pb
Lead-free
LM6401
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - LM6401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM6402A ETC1-LM6402A Datasheet
347Kb / 8P
E/D MOS LSI
logo
Sanyo Semicon Device
LM6402G SANYO-LM6402G Datasheet
644Kb / 15P
N CHANNEL E/D MOS LSI 4 BIT MICROCOMPUTER
LM6402L SANYO-LM6402L Datasheet
157Kb / 1P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Shanghai Leiditech Elec...
LM6403 LEIDITECH-LM6403 Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
Sharp Corporation
LM64032B SHARP-LM64032B Datasheet
347Kb / 20P
SPECIFICATION OF THE DOT-MATRIX LCD UNIT
More results

Similar Description - LM6401

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETs
logo
Microdiode Semiconducto...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com