Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6911 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6911
Description  These P-Channel enhancement mode power field effect transistors are using trench DMOS technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6911 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6911 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6911 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6911 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6911 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6911 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These P-Channel enhancement mode power field
effect transistors are using trench DMOS technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency fast switching
applications.
Features
VDS
ID
(at VGS=-10V)
RDS(ON) (at VGS=-10V)
-60V
-2A
190mΩ(Max)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
TC=25°C
I
D
-2
A
TC=100°C
I
D
-1.25
A
Maximum Power Dissipation
P
D
1.56
W
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
1.1
℃
/W
Thermal Resistance junction-to-Ambient
R
θJA
80
℃
/W
D
G
S
D
G
S
SOT23
IDM
Drain Current – Pulsed1
--8
A
LM6911
Rev 2.0 :
www.leiditech.com
12.01.2019
1/5


Similar Part No. - LM6911

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM691 SEOUL-LM691 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM691 SEOUL-LM691 Datasheet
360Kb / 13P
CYAN LAMP LED
LM691 SEOUL-LM691 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM691 SEOUL-LM691 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM691 SEOUL-LM691 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM6911

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD6N50C FAIRCHILD-FQD6N50C Datasheet
687Kb / 9P
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary planar stripe, DMOS technology
logo
Stanson Technology
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4931 STANSON-STP4931 Datasheet
334Kb / 6P
STP4931 is the dual P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
logo
Fairchild Semiconductor
FDPF10N60NZ FAIRCHILD-FDPF10N60NZ Datasheet
439Kb / 10P
These N-Channel enhancement mode power field effect transistors are produced using Fairchild?셲 proprietary, planar stripe, DMOS technology.
logo
Shenzhen Huazhimei Semi...
HM603BK HMSEMI-HM603BK Datasheet
938Kb / 8P
N & P-Channel enhancement mode power field effect transistor using high cell density DMOS trench technology.
HM609BK HMSEMI-HM609BK Datasheet
2Mb / 8P
N & P-Channel enhancement mode power field effect transistor using high cell density DMOS trench technology.
logo
SHIKUES Electronics
SDW2065 SKTECHNOLGY-SDW2065 Datasheet
963Kb / 5P
These dual N Channel enhancement mode power fieldeffect transistors are using trench DMOS technology.
SDW3045 SKTECHNOLGY-SDW3045 Datasheet
1,003Kb / 5P
N-Channel enhancement mode power field effect transistors are using trench DMOS technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com