Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BAT54WT
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAT54WT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BAT54WT Datasheet HTML 1Page - First Silicon Co., Ltd BAT54WT Datasheet HTML 2Page - First Silicon Co., Ltd BAT54WT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Conditions
Value
Maximum Instantaneous Forward Voltage
VF
V
IFM
4
2
.
0
A
m
1
.
0
=
IFM
2
3
.
0
A
m
1
=
IFM
4
.
0
A
m
0
1
=
IFM=30mA
0.5
IFM=100mA
1
I
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
R
uA
VR
2
V
5
2
=
C
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
T
J
pF
f=1.0MHz, VR
0
1
V
0
.
1
=
T
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
rr
ns
IF=IR=10mA
Irr=0.1*IR, RL=100Ω
5
■
Typical Characteristics
2021. 02. 18
2/3
Revision No : 0
BAT54WT/BAT54AWT
BAT54CWT/BAT54SWT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com