Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BAV70
Description  Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV70 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BAV70 Datasheet HTML 1Page - First Silicon Co., Ltd BAV70 Datasheet HTML 2Page - First Silicon Co., Ltd BAV70 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Item
Symbol
Unit
Conditions
Value
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
R
5
7
A
u
5
.
2
=
R
I
V
Maximum Instantaneous Forward Voltage
VF
V
IFM=10mA
1
Maximum DC Reverse Current
IR
uA
VR
5
.
2
V
5
7
=
Typical Junction Capacitance
CJ
pF
f=1.0MHz, VR
4
V
0
=
T
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
ns
IF=10mA, VR=6V, RL=500Ω,
Irr=1mA
4
Typical Characteristics (Per Leg)
Electrical Characteristics (Ta=25℃, unless otherwise specified)
2019. 09. 02
2/3
Revision No : 0
BAV70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com