Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # FCN
Description  CABLE (with FCN connectors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FCN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  FCN Datasheet HTML 1Page - M-System Co.,Ltd. FCN Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: FCN
http://www.m-system.co.jp/
FCN SPECIFICATIONS
ES-5621 Rev.5 Page 2/2
EXTERNAL DIMENSIONS & CONNECTOR PIN ASSIGNMENT mm (inch)
47 (1.85)
L
A
20
B
20
A
1
B
1
■ PIN ASSIGNMENT
MODEL
FCN-03
FCN-05
FCN-10
FCN-20
L
30 cm
50 cm
1 m
2 m
(11.81")
(19.69")
(39.37")
(78.74")
MAX. 14 (.55)
10.3 (.40)
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com