Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASWL2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # ASWL2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ASWL2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  ASWL2 Datasheet HTML 1Page - M-System Co.,Ltd. ASWL2 Datasheet HTML 2Page - M-System Co.,Ltd. ASWL2 Datasheet HTML 3Page - M-System Co.,Ltd. ASWL2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: ASWL2
ASWL2 SPECIFICATIONS
ES-1619 Rev.9 Page 3/4
https://www.m-system.co.jp/
EXTERNAL VIEW
Lo LED
Lo Setpoint Rotary Switch (×1%)
Lo Setpoint Rotary Switch (×10%)
Hi Setpoint Rotary Switch (×1%)
Hi Setpoint Rotary Switch (×10%)
Hi LED
HI SET
[%]
x1
x10
LO SET
[%]
x1
x10
EXTERNAL DIMENSIONS unit: mm [inch]
50 (1.97)
72 (2.83)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
24.5 (.18) dia.
MTG HOLE
25 (.98) deep
14M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8
103 (4.06)
132 (5.20)
TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
14
11
1
10
15
3
2
7
9
8
INPUT RESISTOR
(model: REM)
Input shunt resistor attached
for current input.
12 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com