Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRS Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # CRS
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CRS Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  CRS Datasheet HTML 1Page - M-System Co.,Ltd. CRS Datasheet HTML 2Page - M-System Co.,Ltd. CRS Datasheet HTML 3Page - M-System Co.,Ltd. CRS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: CRS
CRS SPECIFICATIONS
ES-3206 Rev.4 Page 4/4
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
2
1
8
7
3
4
INPUT RESISTOR
(model: REM)
Input shunt resistor attached
for current input.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Isolation
*
**
Base Socket
S
Z
Input shunt resistor attached for current input.
Option /E, E2
Option /E2
INPUT
3
Low Drift
Amplifier
Comparator
Comparator
Output
Driver
R
4
5
6
1
2
7
8
Ramp
Generator
Rate-of-change
LOOP TEST
SELECTOR
***
*
**
***
+
OUTPUT
U(+)
V(–)
POWER
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com