Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CB2
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CB2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CB2 Datasheet HTML 1Page - M-System Co.,Ltd. CB2 Datasheet HTML 2Page - M-System Co.,Ltd. CB2 Datasheet HTML 3Page - M-System Co.,Ltd. CB2 Datasheet HTML 4Page - M-System Co.,Ltd. CB2 Datasheet HTML 5Page - M-System Co.,Ltd. CB2 Datasheet HTML 6Page - M-System Co.,Ltd. CB2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: CB2
CB2 SPECIFICATIONS
ES-2630 Rev.6 Page 2/7
http://www.m-system.co.jp/
ON.
STOP: The CB2 tracks the computer input with the STOP
signal ON; holds the value just before the OFF signal with
OFF.
• Soft-terminal input in manual mode
UP: The output increases with UP signal ON.
DOWN: The output decreases with DOWN signal
ON.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Rating ±10 %, 50/60 ±2 Hz,
approx. 5 VA at 100 V
approx. 7 VA at 200 V
approx. 10 VA at 240 V
•DC: Rating ±10 % (ripple 10 %p-p max.) approx. 3.5 W
(150 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: Approx. 5 – 30 sec. variable (0 – 100 %)
Output memory at power failure: The output value is stored
in memory.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute
(input to output to power)
2000 V AC @1 minute
(input or output or power to ground)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com