Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAP-G5-K Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # FAP-G5-K
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FAP-G5-K Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  FAP-G5-K Datasheet HTML 1Page - M-System Co.,Ltd. FAP-G5-K Datasheet HTML 2Page - M-System Co.,Ltd. FAP-G5-K Datasheet HTML 3Page - M-System Co.,Ltd. FAP-G5-K Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: FAP
FAP SPECIFICATIONS
ES-1451 Rev.11 Page 2/4
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Open Collector: 30 V DC @100 mA (resistive load)
Frequency range: 0 – 10 pulses/hour through 1 kHz
Saturation voltage: 0.6 V DC
■ 5 V Pulse
Frequency range: 0 – 10 pulses/hour through 1 kHz
Hi level: 3.0 – 5.5 V
Lo level: ≤ 0.5 V
Load resistance: 250 Ω min.
■ Photo MOSFET Relay Pulse
Frequency range: 0 – 10 pulses/hour through 30 Hz
Timer: Limits ON time within 75 ±25 msec.
Rating: 132 V AC @ 200 mA (cos ø = 1)
30 V DC @ 200 mA (resistive load)
ON resistance: ≤ 2 Ω
OUTPUT PULSE WIDTH
• Open Collector
• Voltage Pulse
OFF
ON
20%
80%
1 / f
■ Frequency less than 500 Hz at 100% input
➞ Duty ratio 20% (See the figure below)
• Photo MOSFET Relay Pulse
OFF
ON
20%
80%
1 / f
H Level
L Level
20%
80%
1 / f
• Open Collector
• Voltage Pulse
■ Frequency greater than 500 Hz at 100% input
➞ See the figure and equation below.
H Level
L Level
Pulse Width
OFF
ON
Pulse Width
Pulse Width [millisec.] =
1
2.09 × 100% Frequency [kHz]
■ Photo MOSFET Relay Pulse
➞ See the figure below. ON pulse width is limited
within 75 ±25 msec. when the output frequency
gets low (below 2 to 4 Hz).
INSTALLATION
Power consumption
•AC: Approx. 4.5 VA
•DC: 24 V approx. 70 mA
110 V approx. 20 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 190 g (0.42 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: Approx. 3 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
Power input code R:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output or power to ground)
500 V AC @ 1 minute (I/O to power)
Power input code K, L, P:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output or power to ground)
1500 V AC @ 1 minute (I/O to power)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com