Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA35SCM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTA35SCM
Description  Full-Size (7.3mm or 4.7mm height)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTA35SCM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTA35SCM Datasheet HTML 1Page - List of Unclassifed Manufacturers MTA35SCM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mmdcomp.com
Toll Free 1-877-663-2667 / Fax: 949-753-5889
Specifications subject to change without notice
Revision: 9/20/02 B
OS15
Part Numbering Guide
Mechanical Dimensions
Markings
Line 1: MMD
Line 2: Part Number
Line 3: Frequency
Line 4: Date Code
Pin Connections
Pin 1: Control V olt age or N/C
Pin 7: Case Ground
Pin 8: Output
Pin 14: Supply V olt age
Cut Leads and Gull-Wing are available for this package.
See VA1 and VA3 for specs.
* Check with factory for additional stability vs. temperature options
7.62 ±0.20
.300 ±.012
1.0
.039
11.7 ±0.20
.460 ±.012
5.0
.197
#1
#14
#7
#8
MTA end view
2.4
.094
MTB end view
Frequency
MT
Frequency Stability*
10 = ±1ppm
15 = ±1.5ppm
20 = ±2ppm
25 = ±2.5ppm
30 = ±3ppm
35 = ±3.5ppm
50 = ±5ppm
Pin 1 Connection
Blank = No Connect
V = Voltage Control
Output Type
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Supply Voltage
Blank = 5 Volt
3 = 3.3 Volt
Operating Temp. Range*
A =
0°C to +50°C
B = -10°C to +60°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Series Option
A = A Series(7.3mm Hgt.)
B = B Series(4.7mm Hgt.)
Trimmer Option
Blank = No Trimmer
M = Mechanical Trimmer
14 pin DIP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com